Part Number Hot Search : 
92610 6TPE100 4AVC16 14051 AV772 ADF702 AO4918AL 74F545SC
Product Description
Full Text Search
 

To Download GXO-7551BIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5V CMOS Oscillator
Specifications
GXO-7551
Product GXO-7551
Parameters
Frequency range: 0.50 ~ 107MHz Frequency stability: 100ppm 50ppm 25ppm 20ppm
Option Codes
B A D
7.20 (max)
Operating temperature range: -10 to +70C -40 to +85C Storage temperature range: -55 to +125C Supply voltage (VDD): ACTUAL SIZE
PAD 1.40 (max) 1 2 3 4 4 2.60 CONNECTION
Not connected or Enable/Disable
I
5.20 (max)
+5.0V (5%) Supply current (max): 10mA (0.5 ~ 14.9MHz) 15mA (15.0 ~ 29.9MHz) 25mA (30.0 ~ 39.9MHz) 35mA (40.0 ~ 49.9MHz) 40mA (50.0 ~ 59.9MHz) 40mA (60.0 ~ 69.9MHz) 50mA (70.0 ~ 89.9MHz) 60mA (90.0 ~ 107MHz) Logic levels:`0' level = 10%VDD max `1' level = 90%VDD min Start up time: Scale 3:1 10ms max
Ground Output Supply 3 2.00 2.20
5.08 1.40 1 2
4
3
1 1.80 3.28 TOP VIEW
2 1.80
2.00
Waveform symmetry: 45:55 max 40:60 max (>50.0 ~ 107MHz) Driving ability: 15pF HCMOS (*see note) Rise / fall time: 10ns max 6ns max (>40.0MHz) Enable / disable function: None (pad 1 not connected) Standard tristate, no power saving (E/D times 100ns / 100ns) Power-saving, standby current 10A (E/D times 10ms / 100ns) N
Features

Ceramic package with metal lid Standard frequencies held in stock Enable / disable tristate function Power saving option Competitive pricing
P
Standard. Optional - Please specify required code(s) when ordering * Note: will drive up to 50pF, but figures for rise/fall and supply current may vary from those shown. For details, contact our sales office.
Standard Frequencies
Frequencies in MHz 1.84320 2.00000 3.68640 4.00000 5.00000 6.14400 7.37280 8.00000 9.60000 10.00000 11.05920 12.00000 12.28800 14.31818 16.00000 16.38400 18.43200 20.00000 24.00000 24.57600 25.00000 27.00000 29.49120 30.00000 32.00000 32.76800 33.86880 36.86400 40.00000 44.23680 48.00000 50.00000 54.00000 56.44800 60.00000 64.00000 66.66600 70.00000 80.00000 100.00000 106.25000 125.00000
Ordering Information
Product name + option codes (if any) + frequency eg: GXO-7551 32.0MHz 5V, 100ppm, -10+70C GXO-7551/BIP 40.0MHz 5V, 50ppm, -40+85C, power-saving
Enable / Disable Function
Input (pad 1) Open `1' level `0' level Output (pad 3) Enabled Enabled High Impedance
Other frequencies available. Please consult our sales office.
Tel: +44 1460 256 100
10 Mar 2006
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
Product Information
Construction
GXO-7551

Ceramic body with gold-plated pads Metal lid, seam sealed
Composition
RoHS
2002/95/EC
This product is lead-free, and is fully compliant with the RoHS directive 2002/95/EC
Pb
LeadFree
Packaging & Handling
Production quantities supplied on T & R, 1k pcs per reel. Small quantities may be supplied on tape (no reel), or in bulk.
Static sensitive product. Observe proper handling precautions
Soldering Profile
C 260 260C 5C 10s max
Marking
GOLLEDGE FREQUENCY * PARTNO DC * Pin 1 Marking type: Laser DC = Date code in YM, eg "CE" = May 2003
200 5C/s max
AB CDE F GH J K LM Y 1 2 3 4 5 6 7 8 9 0 M Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec
100
5C/s max
Tape & Reel Specification
5.8
0.05
Preheat 140~160C 1.50O 1.75 0 90s max 200s max 16.0 0.3
MARK
Heat > 200C 40s max
Slow cooldown Time
4.0
2.0
0.3
5
0.05
6.75 7.7
2.5
8.0 2.0 120
FEED 17.5 +2.0 -1.5
1.50
21O 200O
13O
80O
Not to scale. Dimensions in mm.Tolerances 0.1mm unless otherwise stated
Tel: +44 1460 256 100
10 Mar 2006
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GXO-7551BIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X